Part Number Hot Search : 
DE1108 A0512 SMCJ24 MB16M KA22130 32018 MAX5237 0BGXC
Product Description
Full Text Search
 

To Download 2SA1566 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon PNP Epitaxial 2SA1566
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors
Unit: mm
Features
+0.1 2.4-0.1
Low frequency amplifier.
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Rating -120 -120 -5 -100 150 150 -55 to +150 Unit V V V mA mW
Electrical Characteristics Ta = 25
Parameter Collector to base breakdown voltage Collector to emitter breakdown voltage Emitter to base breakdown voltage Collector cutoff current Emitter cutoff current DC current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Symbol Testconditons Min -120 -120 -5 -0.1 -0.1 250 800 -0.15 1.2 V V Typ Max Unit V V V iA iA V(BR)CBO IC = -10 iA, IE = 0 V(BR)CEO IC = -1 mA, RBE = V(BR)EBO IE = -10 iA, IC = 0 ICBO IEBO hFE VCB = -70 V, IE = 0 VEB = -2 V, IC = 0 VCE = -12 V,IC = -2 mA
VCE(sat) IC = -10 mA,IB = -1 mA VBE(sat) IC = -10 mA,IB = -1 mA
hFE Classification
Marking Rank hFE JID D 250 500 JIE E 400 800
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SA1566

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X